Electronic Components Datasheet Search
  English  ▼

X  

LTC3419 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3419
Description  Dual Monolithic 600mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3419 Datasheet(HTML) 3 Page - Linear Technology

  LTC3419 Datasheet HTML 1Page - Linear Technology LTC3419 Datasheet HTML 2Page - Linear Technology LTC3419 Datasheet HTML 3Page - Linear Technology LTC3419 Datasheet HTML 4Page - Linear Technology LTC3419 Datasheet HTML 5Page - Linear Technology LTC3419 Datasheet HTML 6Page - Linear Technology LTC3419 Datasheet HTML 7Page - Linear Technology LTC3419 Datasheet HTML 8Page - Linear Technology LTC3419 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3419
3
3419f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Guaranteed by long term current density limitations.
Note 3: The LTC3419E and LTC3419E-1 are guaranteed to meet specified
performance from 0°C to 85°C. Specifications over the –40°C and 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVLOAD REG
Output Voltage Load Regulation
ILOAD = 0mA to 600mA (Note 7)
0.5
%
IS
Input DC Supply Current
Active Mode (Note 4)
Sleep Mode
Shutdown
VFB1 = VFB2 = 0.95 × VFBREG
VFB1 = VFB2 = 1.05 × VFBREG, VIN = 5.5V
RUN1 = RUN2 = 0V, VIN = 5.5V
500
35
0.1
700
60
1
μA
μA
μA
fOSC
Oscillator Frequency
VFB = VFBREG
●
1.8
2.25
2.7
MHz
ILIM
Peak Switch Current Limit
Channel 1 (600mA)
Channel 2 (600mA)
VIN = 3V, VFB < VFBREG, Duty Cycle < 35%
900
900
1200
1200
mA
mA
RDS(ON)
Channel 1 (Note 5)
Top Switch On-Resistance
Bottom Switch On-Resistance
Channel 2 (Note 5)
Top Switch On-Resistance
Bottom Switch On-Resistance
VIN = 3.6V, ISW = 100mA
VIN = 3.6V, ISW = 100mA
VIN = 3.6V, ISW = 100mA
VIN = 3.6V, ISW = 100mA
0.4
0.4
0.4
0.4
0.6
0.6
0.6
0.6
Ω
Ω
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V
0.01
1
μA
tSOFTSTART
Soft-Start Time
VFB from 10% to 90% Full Scale
0.1
0.95
1.3
ms
VRUN
RUN Threshold High
●
0.4
1
1.2
V
IRUN
RUN Leakage Current
●
0.01
1
μA
VMODE
MODE Threshold High
●
0.4
1
1.2
V
IMODE
MODE Leakage Current
●
0.01
1
μA
VBURST
Output Ripple in Burst Mode Operation
VOUT = 1.5V, COUT = 10μF
20
mVP-P
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3.6V, unless otherwise noted.
Note 5: The DFN switch on-resistance is guaranteed by correlation to
wafer level measurements.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 7: The converter is tested in a proprietary test mode that connects
the output of the error amplifier to the SW pin, which is connected to an
external servo loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com