Electronic Components Datasheet Search
  English  ▼

X  

RT1735 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT1735
Description  USB Type-C 28V EPR Protector with CC and SBU Short to VBUS Overvoltage and IEC ESD Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1735 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT1735 Datasheet HTML 7Page - Richtek Technology Corporation RT1735 Datasheet HTML 8Page - Richtek Technology Corporation RT1735 Datasheet HTML 9Page - Richtek Technology Corporation RT1735 Datasheet HTML 10Page - Richtek Technology Corporation RT1735 Datasheet HTML 11Page - Richtek Technology Corporation RT1735 Datasheet HTML 12Page - Richtek Technology Corporation RT1735 Datasheet HTML 13Page - Richtek Technology Corporation RT1735 Datasheet HTML 14Page - Richtek Technology Corporation RT1735 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
RT1735
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1735-00
December 2023
www.richtek.com
11
14
Typical Operating Characteristics
18
19
20
21
22
23
24
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
VDD Quiescent Current
85°C
25°C
−40°C
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10
100
1000
Frequency (MHz)
SBU Switch Bandwidth
VDD = 3.3V
CON_SBU to SBU
SBU to CON_SBU
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
10
100
Frequency (MHz)
SBU Switch Crosstalk
CON_SBU1 to SBU2
CON_SBU2 to SBU1
VDD = 3.3V
VCON_SBU1
(5V/Div)
VSBU1
(2V/Div)
SBU Clamp Voltage on System Side
Time (400ns/Div)
VCON_SBU1
(5V/Div)
VSBU1
(4V/Div)
SBU OVP Response Time
Time (400ns/Div)
2.4
3.0
3.6
4.2
4.8
5.4
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
VSBU (V)
SBU Switch RON Flatness
VDD = 3.3V
85°C
25°C
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com