Electronic Components Datasheet Search
  English  ▼

X  

RT1735 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT1735
Description  USB Type-C 28V EPR Protector with CC and SBU Short to VBUS Overvoltage and IEC ESD Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1735 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT1735 Datasheet HTML 9Page - Richtek Technology Corporation RT1735 Datasheet HTML 10Page - Richtek Technology Corporation RT1735 Datasheet HTML 11Page - Richtek Technology Corporation RT1735 Datasheet HTML 12Page - Richtek Technology Corporation RT1735 Datasheet HTML 13Page - Richtek Technology Corporation RT1735 Datasheet HTML 14Page - Richtek Technology Corporation RT1735 Datasheet HTML 15Page - Richtek Technology Corporation RT1735 Datasheet HTML 16Page - Richtek Technology Corporation RT1735 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
RT1735
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1735-00
December 2023
www.richtek.com
13
0.15
0.20
0.25
0.30
0.35
0.2
0.8
1.4
2.0
2.6
3.2
3.8
4.4
5.0
5.6
VCC (V)
CC Switch RON Flatness
VDD = 3.3V
85°C
25°C
−40°C
VDD
(1V/Div)
VCC1
(1V/Div)
CC Switch Turn on Timing
Time (500
s/Div)
VCON_CC1
(1V/Div)
0
10
20
30
40
50
60
0
20
40
60
80
Voltage (V)
CON_CC TLP Curve Unpowered
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-2
6
14
22
30
38
46
Voltage (V)
CON_CC IV Curve
0
5
10
15
20
25
30
35
40
45
0
10
20
30
40
Voltage (V)
Dx TLP Curve
-15
-10
-5
0
5
10
15
-2
0
2
4
6
8
10
12
Voltage (V)
Dx IV Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com