Electronic Components Datasheet Search
  English  ▼

X  

RT1735 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT1735
Description  USB Type-C 28V EPR Protector with CC and SBU Short to VBUS Overvoltage and IEC ESD Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1735 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT1735 Datasheet HTML 11Page - Richtek Technology Corporation RT1735 Datasheet HTML 12Page - Richtek Technology Corporation RT1735 Datasheet HTML 13Page - Richtek Technology Corporation RT1735 Datasheet HTML 14Page - Richtek Technology Corporation RT1735 Datasheet HTML 15Page - Richtek Technology Corporation RT1735 Datasheet HTML 16Page - Richtek Technology Corporation RT1735 Datasheet HTML 17Page - Richtek Technology Corporation RT1735 Datasheet HTML 18Page - Richtek Technology Corporation RT1735 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
RT1735
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1735-00
December 2023
www.richtek.com
15
15.7
Device Functional Modes
The RT1735 all functional modes.
MODE
VDD
RPD_Gx
TJ
FLAGB
CC
Switches
SBU
Switches
Normal
Operating
Conditions
Powered Off
No Dead Battery Support
<UVLO
Grounded
High-Z
OFF
OFF
Powered Off
Dead Battery Support
<UVLO
Shorted to
CON_CCx
High-Z
OFF
OFF
Powered On
>UVLO
Forced OFF
< OT
High-Z
ON
ON
Fault
Conditions
Thermal Shutdown
>UVLO
Forced OFF
> OT
Low
OFF
OFF
CC Overvoltage Condition
>UVLO
Forced OFF
< OT
Low
OFF
OFF
SBU Overvoltage Condition
>UVLO
Forced OFF
< OT
Low
OFF
OFF
15.8
Thermal Considerations
The junction temperature should never exceed the absolute maximum junction temperature TJ(MAX), listed under
Absolute Maximum Ratings, to avoid permanent damage to the device. The maximum allowable power dissipation
depends on the thermal resistance of the IC package, the PCB layout, the rate of surrounding airflow, and the
difference between the junction and ambient temperatures. The maximum power dissipation can be calculated using
the following formula:
PD(MAX) = (TJ(MAX) - TA) /
JA
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and
JA is the junction-to-
ambient thermal resistance.
For continuous operation, the maximum operating junction temperature indicated under Recommended Operating
Conditions is 125°C. The junction-to-ambient thermal resistance,
JA, is highly package dependent. For a WQFN-
20L 3x3 package, the thermal resistance,
JA, is 30°C/W on a standard JEDEC 51-7 high effective-thermal-
conductivity four-layer test board. The maximum power dissipation at TA = 25°C can be calculated as below:
PD(MAX) = (125°C - 25°C) / (30°C/W) = 3.33W for a WQFN-20L 3x3 package.
The maximum power dissipation depends on the operating ambient temperature for the fixed TJ(MAX) and the thermal
resistance,
JA. The derating curve in Figure 1 allows the designer to see the effect of rising ambient temperature on
the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com