Electronic Components Datasheet Search
  English  ▼

X  

RT1735 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT1735
Description  USB Type-C 28V EPR Protector with CC and SBU Short to VBUS Overvoltage and IEC ESD Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1735 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT1735 Datasheet HTML 1Page - Richtek Technology Corporation RT1735 Datasheet HTML 2Page - Richtek Technology Corporation RT1735 Datasheet HTML 3Page - Richtek Technology Corporation RT1735 Datasheet HTML 4Page - Richtek Technology Corporation RT1735 Datasheet HTML 5Page - Richtek Technology Corporation RT1735 Datasheet HTML 6Page - Richtek Technology Corporation RT1735 Datasheet HTML 7Page - Richtek Technology Corporation RT1735 Datasheet HTML 8Page - Richtek Technology Corporation RT1735 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RT1735
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS1735-00
December 2023
2
5
Ordering Information
RT1735
Package Type
N: WQFN-20L 3x3 (W-Type)
Packing
A: Standard
-
Note:
Richtek products are Richtek Green Policy compliant
and
compatible
with
the
current
requirements
of
IPC/JEDEC J-STD-020.
6
Marking Information
W1=: Product Code
YMDAN: Date Code
W1=YM
DAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com