Electronic Components Datasheet Search
  English  ▼

X  

RT7204E Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 27Page - Richtek Technology Corporation RT7204E Datasheet HTML 28Page - Richtek Technology Corporation RT7204E Datasheet HTML 29Page - Richtek Technology Corporation RT7204E Datasheet HTML 30Page - Richtek Technology Corporation RT7204E Datasheet HTML 31Page - Richtek Technology Corporation RT7204E Datasheet HTML 32Page - Richtek Technology Corporation RT7204E Datasheet HTML 33Page - Richtek Technology Corporation RT7204E Datasheet HTML 34Page - Richtek Technology Corporation RT7204E Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
31
15.6
Interface of CC1 and CC2
The CC1 and CC2 pins are used for compliance with the USB Type-C specification. When configured as a
Downstream Facing Port (DFP), three current capabilities of 80
A, 180A, and 330A, provided by each of the
CC pin, will be advertised to an Upstream Facing Port (UFP) as the default USB current, 1.5A, and 3.0A,
respectively. If the resistor Ra on the powered cable termination is detected, the VCONN power and switches can
be controlled by MCU with 100mW output capability during the identification of E-marked cable. The interface of
CC1 and CC2 is shown in Figure 4.
PD PHY
MCU
11-bit ADC
CC1/CC2
1.125V 3.25V
CCI
4.2V
VCN_SW
ICC_SRC
01: 80μA
10: 180μA
11: 330μA
Figure 4. Interface of CC1 and CC2
15.7
Open-Drain Driver of The VBUS Pin
Figure 5 shows the VBUS pin with the open-drain drivers. The internal bleeder circuit at the VBUS pin is used to
discharge the VBUS capacitor to Vsafe0V upon the detachment of a connected device. The VBUS pin voltage
provides real-time VBUS voltage detection by ADC, and the voltage between VDD and VBUS can be compared
to achieve VBUS drop protection.
VBUS
USBP
RVBUS_L
N-MOSFET
Driver
MCU
RVBUS1
RVBUS2
11-bit ADC
Figure 5. Open-Drain Driver of the VBUS Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com