Electronic Components Datasheet Search
  English  ▼

X  

RT7204E Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 30Page - Richtek Technology Corporation RT7204E Datasheet HTML 31Page - Richtek Technology Corporation RT7204E Datasheet HTML 32Page - Richtek Technology Corporation RT7204E Datasheet HTML 33Page - Richtek Technology Corporation RT7204E Datasheet HTML 34Page - Richtek Technology Corporation RT7204E Datasheet HTML 35Page - Richtek Technology Corporation RT7204E Datasheet HTML 36Page - Richtek Technology Corporation RT7204E Datasheet HTML 37Page - Richtek Technology Corporation RT7204E Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
34
RFB1
RFB2
ROPTO_VDD
ROPTO_SINK
IOPTO_SINK
VCS_OFFSET
KCS
VDD
UVLO
VDD
UVLO
VREF_CC
11-bit DAC
Io_signal
VREF_CV
11-bit DAC
+
-
+
-
CS-
CS+
IFB
OPTO
VFB
VDD
VOUT
VBUS
RCS
USBP
RC
CC
RV
CV
RD
CP
IOUT
Figure 7. CV and CC Loops
16.3
Power-Up Sequence
Figure 8 shows the timing diagram for the power-up sequence. When start-up, the default output voltage is set to
5V. Once a Type-C cable is connected, the UFP delivers voltage and current settings to the RT7204E, enabling
the MCU to decode these settings and program reference voltages, VREF_CV and VREF_CC, for the CV and CC
loops. These loops are the analog outputs converted by the DAC.
The RT7204E directly drives an external blocking N-MOSFET on the USBP pin, which features a programmable
soft-start function to ensure a smooth VBUS turn-on under capacitive load conditions. If the Type-C cable is
disconnected, or if the output current falls below the power-saving mode threshold, typically set at 200mA, the
RT7204E will enter power-saving mode. In this mode, it operates with ultra-low current, significantly reducing total
input power. Conversely, if the output current increases and exceeds the power-saving mode threshold, or if any
input/output signal is toggled, the RT7204E will exit power-saving mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com