Electronic Components Datasheet Search
  English  ▼

X  

RT7204E Datasheet(PDF) 42 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 42 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 37Page - Richtek Technology Corporation RT7204E Datasheet HTML 38Page - Richtek Technology Corporation RT7204E Datasheet HTML 39Page - Richtek Technology Corporation RT7204E Datasheet HTML 40Page - Richtek Technology Corporation RT7204E Datasheet HTML 41Page - Richtek Technology Corporation RT7204E Datasheet HTML 42Page - Richtek Technology Corporation RT7204E Datasheet HTML 43Page - Richtek Technology Corporation RT7204E Datasheet HTML 44Page - Richtek Technology Corporation RT7204E Datasheet HTML 45Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
RT7204E
F
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
RT7204E_DS-00
May 2024
42
19
Packing Information
19.1
Tape and Reel Data
Package Type
Tape Size
(W1) (mm)
Pocket Pitch
(P) (mm)
Reel Size (A)
Units
per Reel
Trailer
(mm)
Leader
(mm)
Reel Width (W2)
Min./Max. (mm)
(mm)
(in)
QFN/DFN
4x4
12
8
180
7
1,500
160
600
12.4/14.4
Tape Size
W1
P
B
F
ØJ
H
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Max.
12mm
12.3mm
7.9mm
8.1mm
1.65mm
1.85mm
3.9mm
4.1mm
1.5mm
1.6mm
0.6mm
C, D, and K are determined by component size.
The clearance between the components and
the cavity is as follows:
- For 12mm carrier tape: 0.5mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com