Electronic Components Datasheet Search
  English  ▼

X  

RT7204E Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 11Page - Richtek Technology Corporation RT7204E Datasheet HTML 12Page - Richtek Technology Corporation RT7204E Datasheet HTML 13Page - Richtek Technology Corporation RT7204E Datasheet HTML 14Page - Richtek Technology Corporation RT7204E Datasheet HTML 15Page - Richtek Technology Corporation RT7204E Datasheet HTML 16Page - Richtek Technology Corporation RT7204E Datasheet HTML 17Page - Richtek Technology Corporation RT7204E Datasheet HTML 18Page - Richtek Technology Corporation RT7204E Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
15
4.
It is suggested to use 24V zener diodes for ZD1, ZD2, ZD3, and ZD4, specifically the BZX585-B24 model.
5.
The values for capacitors C5 and C6 should be chosen in accordance with the USB PD specification: 200pF
 cReceiver
 600pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com