Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710200 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-710200
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710200 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-710200 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMIS-710200:200dpi CIS Module
Data Sheet
5.0 Absolute Maximum Rating
Table 2: Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
7.0
V
Idd
70
mA
Vn
-15
V
In
20
mA
VLED
5.75
V
Power supply voltage
ILED
600
mA
Input clock pulse (high level)
Vih
Vdd
V
Input clock pulse (low level)
Vil
-0.5
V
Note: These are the absolute maximums and are not to be used in prolonged operation.
Table 3: Operating Environment
Parameter
Symbols
Maximum Rating
Units
Operating temperature
Top
0 to 50
°C
Operating humidity
Hop
10 to 85
%
Storage temperature
Tstg
-25 to +85
°C
Storage humidity
Hstg
5 to 95
%
6.0 Electro-Optical Characteristics (25
oC)
Table 4: Electro-Optical Characteristics (25°C)
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
1728
Elements
Pixel-to-pixel spacing
125
µm
Line scanning rate
(1)
Tint
437
µsec
@ 4MHz clock
frequency
Clock frequency
(2)
Fclk
4.0
MHz
Bright output voltage
1.0
Volts
Bright output
(4) non-uniformity
Up
<+/-30
%
Adjacent pixel
(5) non-uniformity
Upadj
<25
%
Dark non-uniformity
(6)
Ud
<50
mV
Dark output voltage
(6)
Vd
<75
mV
Modulation transfer function
(7)
MTF
>30
%
Definitions:
1.
Tint is the line scanning rate or integration time. Tint is determined by the interval between two start pulses (SP).
2.
Fclk is the main clock, CP, frequency.
3.
Vpavg =
∑ Vp(n)/1728.
4.
Up = [(Vpmax - Vp) / Vp] x 100% or [(Vp - Vpmin) / Vp] x 100%.
5.
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%.
Upadj is the non-uniformity percentage pixel-to-pixel.
6.
Ud = Vdmax –Vdmin
Vdmin is the minimum dark output voltage, Vd, with light source off.
Vdmax: maximum dark output voltage, Vd, with light source off.
Vd is measured between the reset level of the video and the dark video signal level. This fixed offset occurs because of the video line is reset to ground after each
pixel and before the following pixel. However, because the video signal is amplified and the offset is adjusted to force the average dark video signal near ground,
the average dark video signal is only few millivolts from ground and reset level will be below ground.
7.
MTF = [(Vpmax - Vpmin) / (Vpmax + Vpmin)] x 100 [%] is the effective algorithm which is used to make the measurements. V(p)max: maximum output voltage at
4.0lp/mm V(p)min: minimum output voltage at 4.0lp/mm.
8.
lp / mm: line pair per mm.
4
AMI Semiconductor – May 06, M-8-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com