Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710200 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710200
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710200 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710200 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMIS-710200:200dpi CIS Module
Data Sheet
7.0 Recommended Operating Conditions
Table 5: Recommended Operating Conditions (25
oC)
Item
Symbol
Min.
Mean
Max.
Units
Vdd
4.5
5.0
5.5
V
Vn.
-4.5
-5
-12
V
VLED
4.5
5
5.5
V
Idd
42
50
55
ma
Ivn
5.0
6.0
ma
Power supply
ILED
300
450
550
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency
Fclk
4.0
5.0
MHz
Clock pulse high duty cycle
Dclk
25
%
Clock pulse high duration
CPH
50
(3)
ns
Integration time
Tint
0.347
5.0
ms
Operating temperature
Top
25
50
0C
8.0 Switching Characteristics (25°C)
Figure 3: AMIS-710200 Timing Diagram
Each of the switch timing characteristics for the I/O clocks is defined in symbolic acronyms. There is a corresponding clock switching
time for each symbol on the timing diagram. The corresponding time for each symbol is given in the following Table 6.
5
AMI Semiconductor – May 06, M-8-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com