Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710200 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710200
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710200 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710200 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMIS-710200:200dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710200 (PI200MC-A4) is a contact image sensor (CIS) module. It is a long CIS using MOS image sensor technology for
high-speed performance and high sensitivity. The AMIS-710200 is suitable for scanning A4 size (216mm) documents with 8 dots per
millimeter (dpm) resolution. Applications include document scanners, mark readers and other office automation equipment.
2.0 Key Features
• Light source, lens and sensor are integrated into a single module
• 8dpm resolution, 216mm scanning length
• 437µsec/line scanning speed @ 4.0MHz clock rate
• Wide dynamic range
• Analog output
• 660 Red LED light source
• Compact size - 20.5mm x 21.5mm x 232mm
• Low power
• Light weight
3.0 Functional Description
The AMIS-710200 imaging array consists of 27 sensors, AMIS-720220 (PI3020), produced by AMIS. The sensor is a monolithic chip
with an array of 64 photo sensing elements, of which 27 are cascaded to provide 1728 photo-detectors. These cascaded chips are
contiguously aligned in a single row and bonded to the printed circuit board (PCB). See Figure 1, AMIS-710200's block diagram. This
configuration allows a stream of sequential video pixels to be read from its output port, for example, starting from the first pixel, 1
st,
located next to the connector end of the module and continues to and through the last pixel, 1728
th. Each chip contains a complete
control circuitry. Integrated within monolithic chip is a set of multiplex switches, and a digital shift register to control the chips sequential
readout. Additionally, the chips contain a chip selection switch that is interrogated in a sequence as each predecessor chip completes
its scanning process.
1
AMI Semiconductor – May 06, M-8-001
www.amis.com


Similar Part No. - AMIS-710200

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710205 AMI-AMIS-710205 Datasheet
281Kb / 9P
200dpi CIS Modules
AMIS-710205-A4 AMI-AMIS-710205-A4 Datasheet
281Kb / 9P
200dpi CIS Modules
AMIS-710206-A4 AMI-AMIS-710206-A4 Datasheet
281Kb / 9P
200dpi CIS Modules
AMIS-710207 AMI-AMIS-710207 Datasheet
239Kb / 7P
200dpi CIS Module
More results

Similar Description - AMIS-710200

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
200dpi CIS Module
AMIS-710226 AMI-AMIS-710226 Datasheet
224Kb / 7P
200dpi CIS Module
AMIS-710227 AMI-AMIS-710227 Datasheet
358Kb / 14P
200dpi CIS Module
AMIS-710251 AMI-AMIS-710251 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710252 AMI-AMIS-710252 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710256 AMI-AMIS-710256 Datasheet
231Kb / 7P
200dpi CIS Module
PI200MC-A4 AMI-PI200MC-A4 Datasheet
1Mb / 7P
200DPI CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com