Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710200 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-710200
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710200 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  AMIS-710200 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AMIS-710200:200dpi CIS Module
Data Sheet
Table 6: Symbol Definitions for the Above Timing Diagram
Item
Symbol
Min.
Mean
Max.
Units
Clock cycle time
to
0.20
2.0
µs
Clock pulse width
tw
50
ns
Clock duty cycle
25
75
%
Prohibit crossing time of SP
tprh
15
ns
Data setup time
tds
10
ns
Data hold time
tdh
35
ns
Signal delay time
tdl
20
ns
Signal settling time
tsh
90
ns
9.0 Mechanical Description
Figure 4 is an overview drawing of the module with approximate dimensions. If a detailed drawing is desired, especially for a design in
application, a full size drawing is available upon request.
Figure 4: AMIS-710200 Module Outline
6
AMI Semiconductor – May 06, M-8-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com