Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710227 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710227
Description  200dpi CIS Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710227 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710227 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AMIS-710227, AMIS-710228, AMIS-710229: 200dpi CIS Module Data Sheet
5.0 Module vs LED Light Source
Table 5-A lists the LED light source associated with each module model
Table 5-A: Module vs. LED Light Source
Module
LED Light Source
AMIS-710227
660nm Red LED bar
AMIS-710228
High power Yellow-Green LED bar
AMIS-710229
Low power Yellow-Green LED bar
6.0 Absolute Maximum Rating
Table 6-A shows the absolute maximum ratings. The parameters are common to all three modules. Table 6-B shows the absolute
maximum ratings that are different among the three modules.
Table 6-A: Electrical Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
7
V
Idd
100
ma
Vn
-15
V
Power supply
In
35
ma
Input clock pulse (high level)
Vih
Vdd – 0.5
V
Input clock pulse (low level)
Vil
-0.5
V
Note: These parameters are absolute maximums; do not operate under these conditions.
Table 6-B: LED Power Absolute Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Module
AMIS-710227
AMIS-710228
AMIS-710229
VLED
6.0
6.0
6.0
V
Power supply: LED light
source
ILED
0.7
1.0
1.0
amp
Note: These parameters are absolute maximums; do not operate under these conditions.
5
AMI Semiconductor – May 06, M-20548-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com