Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710227 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # AMIS-710227
Description  200dpi CIS Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710227 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button AMIS-710227 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AMIS-710227, AMIS-710228, AMIS-710229: 200dpi CIS Module Data Sheet
8.0 Electro-Optical Characteristics (25
°C)
Table 8-A is the electro-optical characteristics common all three modules. Table 8-B, Table 8-C and Table 8-D show the different
characteristics for each of the three LED light sources.
Table 8-A: Common Electro-Optical Characteristics
Parameter
Symbol
Value
Units
Notes
Total number of photo detectors
1728
Elements
Section 1, 2 & 3 number of photo
detectors
448
Elements
Section 4 number of detectors
384
Elements
Pixel-to-pixel spacing
125
µm
Table 8-B: AMIS-710227 Electro-Optical Characteristics
AMIS-710227 660 RED LED
Parameter
Symbol
Value
Units
Note
Line scanning rate
Tint
(1)
90
µsec
@ 5.0MHz
clock frequency
Clock frequency
(2)
Fclk
5.0
MHz
Bright output voltage
(3)
Video output
1.0
Volt
Bright output non-uniformity
(4)
Up
<+/-30
%
Dark non-uniformity
(5)
Ud
<40
mV
Dark output voltage
(6)
Dark level (DL)
<200
mV
Modulation transfer function
(7)
MTF
>40
%
See notes below Table 8-D
Table 8-C: AMIS-710228 Electro-Optical Characteristics
AMIS-710228 High Power Yellow-Green LED
Parameter
Symbol
Value
Units
Note
Line scanning rate
Tint
(1)
90
µsec
@ 5.0MHz
clock frequency
Clock frequency
(2)
Fclk
5.0
MHz
Bright output voltage
(3)
Video output
0.5
Volt
Bright output non-uniformity
(4)
Up
<+/-30
%
Dark non-uniformity
(5)
Ud
<40
mV
Dark output voltage
(6)
Dark level (DL)
<200
mV
Modulation transfer function
(7)
MTF
>40
%
See notes below Table 8-D
7
AMI Semiconductor – May 06, M-20548-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com