Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710227 Datasheet(PDF) 11 Page - AMI SEMICONDUCTOR

Part # AMIS-710227
Description  200dpi CIS Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710227 Datasheet(HTML) 11 Page - AMI SEMICONDUCTOR

Back Button AMIS-710227 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 13Page - AMI SEMICONDUCTOR AMIS-710227 Datasheet HTML 14Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AMIS-710227, AMIS-710228, AMIS-710229: 200dpi CIS Module Data Sheet
11.0 Operating Conditions (25°C)
Table 11-A: Recommended Operating Conditions (25
°C):
Item
Symbol
Min.
Typ.
Max.
Units
Vdd (positive)
4.5
5.0
5.5
V
Vn (negative)
-10
-5
-4.0
V
Idd (positive)
60
66
75
ma
Power supply
In (negative)
(1)
20
20
20
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-0.5
Vdd
V
Input voltage at digital low
Vil
0
0.6
V
Clock frequency
Fclk
0.2
(2)
5.5
(3)
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
45.5
50
ns
Integration time
Tint
82
150
µs
Operating temperature
(4)
Top
25
50
°C
Table 11-B: AMIS-710227 Operating Conditions (25
°C)
AMIS-710227
Parameter
Min.
Typ.
Max.
VLED
5.0
5.5
V
ILED
480
550
ma
Table 11-C: AMIS-710228 Operating Conditions (25
°C)
AMIS-710228
Min.
Typ.
Max.
VLED
5.0
5.5
V
ILED
TBD
TBD
ma
Table 11-D: AMIS-710229 Operating Conditions (25
°C)
AMIS-710229
Min.
Typ.
Max.
VLED
5.0
5.5
V
ILED
TBD
TBD
ma
Notes:
1.
Current is essential constant current with supply voltage
2.
Determined by the longest tolerable integration time, because of leakage current build up, the integration time is recommended to be no greater than 10ms
3.
The maximum call out is for the modules' electrical speed. The light source still dictates the highest speed performance.
4.
This specification is a standard used by the CIS makers for the Fax Industry.
11
AMI Semiconductor – May 06, M-20548-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com