Electronic Components Datasheet Search
  English  ▼

X  

TDA1561 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA1561 Datasheet HTML 13Page - NXP Semiconductors TDA1561 Datasheet HTML 14Page - NXP Semiconductors TDA1561 Datasheet HTML 15Page - NXP Semiconductors TDA1561 Datasheet HTML 16Page - NXP Semiconductors TDA1561 Datasheet HTML 17Page - NXP Semiconductors TDA1561 Datasheet HTML 18Page - NXP Semiconductors TDA1561 Datasheet HTML 19Page - NXP Semiconductors TDA1561 Datasheet HTML 20Page - NXP Semiconductors TDA1561 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1997 Aug 14
17
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
handbook, full pagewidth
220 nF
pink
noise
100 nF
2
×
220 nF
4
8
9
11
5
6
7
3
1
2
12
13
10
220 nF
4
Ω
3.9
Ω
1000
µF
(16 V)
10
nF
3.9
Ω
100
nF
1/2VP
on condition
MGC427
TDA1561Q
4
Ω
3.9
Ω
10 nF
3.9
Ω
100 nF
IEC-268
FILTER
IN1
HVP
GND1
OUT1
VP
MODE
OUT1
OUT2
C11
CIN
IN2
GND2
OUT2
Fig.12 Test and application diagram for dissipation measurements with a music-like signal (pink noise).
Fig.13 DC output voltage as a function of VP.
handbook, halfpage
08
24
VP (V)
VO
(V)
12
0
4
8
16
MBH694
Vms =5V.
Fig.14 Quiescent current as a function of VP.
handbook, halfpage
08
24
VP (V)
Iq
(mA)
125
0
25
50
75
100
16
MBH695
Vms = 5 V; RI = ∞.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com