Electronic Components Datasheet Search
  English  ▼

X  

TDA1561 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1561 Datasheet HTML 1Page - NXP Semiconductors TDA1561 Datasheet HTML 2Page - NXP Semiconductors TDA1561 Datasheet HTML 3Page - NXP Semiconductors TDA1561 Datasheet HTML 4Page - NXP Semiconductors TDA1561 Datasheet HTML 5Page - NXP Semiconductors TDA1561 Datasheet HTML 6Page - NXP Semiconductors TDA1561 Datasheet HTML 7Page - NXP Semiconductors TDA1561 Datasheet HTML 8Page - NXP Semiconductors TDA1561 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Aug 14
4
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
PINNING
SYMBOL
PIN
DESCRIPTION
IN1
1
input 1
HVP
2
half supply voltage control input
MODE
3
mute/standby/operating/SE-only
GND1
4
ground 1
OUT1
5
inverting output 1
OUT1
6
non-inverting output 1
VP
7
supply voltage
OUT2
8
inverting output 2
OUT2
9
non-inverting output 2
GND2
10
ground 2
C11
11
electrolytic capacitor for
single-ended (SE) mode
CIN
12
common input
IN2
13
input 2
Fig.2 Pin configuration.
handbook, halfpage
MLD215
1
2
3
4
5
6
7
8
9
10
11
12
13
TDA1561Q
IN1
HV
GND1
OUT1
V
MODE
OUT1
OUT2
11
C
CIN
IN2
GND2
OUT2
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com