Electronic Components Datasheet Search
  English  ▼

X  

TDA1561 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1561 Datasheet HTML 1Page - NXP Semiconductors TDA1561 Datasheet HTML 2Page - NXP Semiconductors TDA1561 Datasheet HTML 3Page - NXP Semiconductors TDA1561 Datasheet HTML 4Page - NXP Semiconductors TDA1561 Datasheet HTML 5Page - NXP Semiconductors TDA1561 Datasheet HTML 6Page - NXP Semiconductors TDA1561 Datasheet HTML 7Page - NXP Semiconductors TDA1561 Datasheet HTML 8Page - NXP Semiconductors TDA1561 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Aug 14
2
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
FEATURES
• Low dissipation due to switching from Single-Ended
(SE) to Bridge-Tied Load (BTL) mode
• High Common Mode Rejection Ratio (CMRR)
• Mute/standby/operating/SE-only (mode select pin)
• Zero crossing mute and standby circuit
• Load dump protection circuit
• Short-circuit safe to ground, to supply voltage and
across load
• Loudspeaker protection circuit
• Device switches to single-ended operation at excessive
junction temperatures.
GENERAL DESCRIPTION
The TDA1561Q is a monolithic power amplifier in a 13 lead
single-in-line (SIL) plastic power package. It contains two
identical 23 W amplifiers. The dissipation is minimized by
switching from SE to BTL mode, only when a higher output
voltage swing is needed. The device is primarily
developed for car radio applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
DC biased
6.0
14.4
18
V
non operating
−−
30
V
load dump
−−
50
V
IORM
repetitive peak output current
−−
4A
Iq(tot)
total quiescent current
RL = ∞−
95
150
mA
Istb
standby current
−
150
µA
Zi
input impedance
−
60
−
k
Ω
Po
output power
RL = 4
Ω; EIAJ
−
36
−
W
THD 10%
21
23
−
W
Gv
voltage gain
31
32
33
dB
CMRR
common mode rejection ratio
f = 1 kHz; Rs =0 Ω−
80
−
dB
SVRR
supply voltage ripple rejection
f = 1 kHz; Rs =0 Ω
45
55
−
dB
∆V
O
DC output offset voltage
−−
150
mV
αcs
channel separation
Rs =0kΩ
40
60
−
dB
∆G
v
channel unbalance
−−
1dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1561Q
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com