Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710600 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710600
Description  600dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710600 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710600 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMIS-710600-A8: 600dpi CIS Module
Data Sheet
Table 1: Pin Configuration
Pin Number
Symbol
Names and Functions
1
VOUT
Analog video output
2
GRD
Ground; 0V
3
Vdd (+5V)
er supply
Positive pow
4
VN (-5V)
Negative power supply
5
GND
Ground; 0V
6
CP
Clock pulse
7
GND
Ground; 0V
8
SP
Shift register start pulse
9
GLED
e; 0V
Ground for the light sourc
10
VLED
Supply for the light source
4.0 Operational Environment
Conceptually, the overview of the module operation can be understood from the functional description (Section 3.0) and the module pin
4.1 Absolute Maximum Rating
Table 2 shows the absolute maximum rating of inputs to the module.
able 2: Absolute Maximum Rating
out description. All that the module requires are the power supplies, VDD, VGLED and VSS, with two control clock pulses, CP and SP.
The timing diagram (Figure 3) provides the clock timing and its relationship to the output video pixels. When the power supplies and
the clocks are connected, the module will start its line scanning process, hence the module is ready to produce video signal as soon as
it is placed on the image document.
T
Parameter
Symbols
Maximum Rating
Units
VDD
10
V
IDD
50
mA
VLED
5.5
V
Power supply inputs
mA
ILED
150
Input clocks high
Vih
Vdd – 0.5V
V
Input clocks low
Vil
-0.6
V
4.2 Operating Environment
Table 3 shows the environmental specification for the module.
ble 3: Environmental Specifications
Ta
Parameter
Symbols
Maximum Rating
Units
Operating temperature
Top
0 to 50
°C
Operating humidity
Hop
10 to 85
%
Storage temperature
-25 to +75
Tstg
°C
Storage humidity
Hstg
5 to 95
%
3
AMI Semiconductor – July. 06, M-20597-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com