Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710600 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-710600
Description  600dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710600 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-710600 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMIS-710600-A8: 600dpi CIS Module
Data Sheet
4.3 Electro-Optical Characteristics (25
°C)
rs at 25
°C, which characterizes the module's operations.
Table 4 lists the typical operational paramete
Table 4: Electro-Optical Characteristics at 25
°C
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
1344
Elements
Pixel-to-pixel spacing
42.3
µm
Line scanning rate
Ti
(1)
nt
680
µsec
@ 2.0MHz clock
frequency
(see Note 1)
Clock frequency
(2)
f
2.0
MHz
Bright output voltage
(3)
Vpavg
1.0
V
Bright output non-uniformity
(4)
Up
<+/-30
%
Adjacent pixel non-uniformity
(5)
Uadj
<15
%
Dark non-uniformity
(6)
Ud
<200
mV
Dark output voltage
(7)
Vd
<0.1
V
See Note 7
Modulation transfer function
(8)
MTF
>30
%
Notes:
(1)
Tint: line scanning rate
the Vpavg is directly proportional to
or the integration time. Tin
rmined by the interval
SPs. The minimum tint of 390us is avai
MHz clock. However,
the integration
or example, if tint is in
d two times, Vpavg increases by two. Alternately, if tint is decreased by two
(2)
(3)
g] x 100% or [(Vpavg - Vpmin) / Vpavg] x 100%
.D.=0.8)
(9)
(O.D.= 0.8)
is close to 0V.
(8)
(11)
(10)
4.4 R
rating Conditions (25
°C)
of the module.
t is dete
time. F
of two
crease
lable w h a 3.5
it
then Vpavg decreases by two. The Vpavg of this module is adjusted to 1.0V with an integration time of 680µsec with a CP = 2.0MHz, hence if the SP is increased
or decreased, the output will also increase or decrease. Note that changing the clock frequency will also change the tint if the SP rate is divided down from the
CP.
f: main clock frequency
The video output is 1.0V with an integration time of 680µs. The video output is calculated based on Vpavg =
∑ Vp(n)/1344
Up = [(
(4)
Vpmax - Vpavg) / Vpav
Where Vpmax = the maximum video pixel value and
Vpmin = the minimum video pixel value in the line scan.
(5)
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)) x 100%
Where Vp(n) is the n
thpixel in the scan.
Upadj i
non-uniformity percentage pixel to pixel
s the
(6)
Ud = Vdmax – Vdmin
Vdmin is the minimum output on a black document(O
Vdmax: maximum output voltage of a black document
(7)
Vd is adjustable, it can be set to ground, (0V). The factory adjust
(8) MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]
Vmax: maximum output voltage on a 11.8lp/mm
(10) bar target (300dpi)
Vmin: minimum output voltage on a 11.8lp/mm (300dpi) bar target.
(9)
O.D. = optical density
lp / mm: line pair per mm
DPI = dots per inch
(11)
ecommended Ope
Table 5 lists the recommended operating conditions
Table 5: Recommended Operating Conditions (25
°C)
Item
Symbol
Min.
Mean
Max.
Units
VDD
4.5
5.0
5.5
V
VLED
4.5
5
5.5
V
IDD
20
25
30
ma
Power supply
ILED
85
115
150
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency
f
3.5
MHz
Clock pulse high duty cycle
25
50
75
%
Clock pulse high duration
71
(1)
ns
Integration time
Tint
3
)
1
90
(2
0000
µs
Operating temperature
Top
25
50
°C
Notes:
(1)
This is with a m
(2)
The integration
aximum clock frequency of 3.5MHz a
ty cycle of 25
nt.
time is the minimum allowable time at
Hz clock rate.
nd a du
a 3.5M
pe e
rc
4
AMI Semiconductor – July. 06, M-20597-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com