Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710600 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710600
Description  600dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710600 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710600 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMIS-710600-A8: 600dpi CIS Module
Data Sheet
5.0 Timing Characteristics of the Module (25°C)
The input control clocks and video pixel output relationships are depicted in Figure 3. As indicated, the internal shift register is loaded
on the falling edges of the module's clock, CP and during this time the SP is high or true. To ensure that only one shift register pulse is
loaded into the shift register during any one line scan, only one SP is allowed to go high for one CP cycle going low. After loading the
shift register, the SP is to remain low throughout the remainder of the line scan; otherwise multiple start pulses will load into the shift
register. To prevent this phenomenon, as the timing diagram shows, SP should occur only once in one CP cycle. When only one pulse
is loaded in the register, a single pulse shifts down the register, accessing a single photo-site with each shift and sequentially reading it
out onto the common video line where the video pixel is amplified and produced at the output I/O.
Figure 3: Timing Diagram of SP Relative to First Pixel
The call outs for the switching characteristics in Figure 3 are given in Table 6. This table defines the symbols used in the timing diagram
and calls out their time durations.
Table 6: Timing Definition and Specifications
Item
Symbol
Min.
Typ.
Max.
Units
Clock cycle time
to
290
7440
ns
Clock pulse width
tw
71
ns
Clock duty cycle
25
75
%
Prohibit crossing time of SP
tprh
30
ns
Data setup time
tds
30
ns
Data hold time
tdh
30
ns
Signal delay time
tdl
50
ns
Signal sample and hold time
tsh
120
ns
5
AMI Semiconductor – July. 06, M-20597-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com