Electronic Components Datasheet Search
  English  ▼

X  

AMIS-710600 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710600
Description  600dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710600 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710600 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710600 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMIS-710600-A8: 600dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710600-A8 (PI600MC-A8) is a contact image sensor (CIS) module. It is a short version within a family of contact image
sensor modules. It consists of image sensor chips, AMIS-720639 (PI3039), which are also a product of AMIS. This AMIS-720639
sensor chip is a linear array image sensor chip with a 600 elements per inch resolution. Fabricated with AMI Semiconductor’s
proprietary CMOS image sensing technology, these sensors are bonded on a printed circuit board (PCB) to produce the AMIS-710600-
A8 CIS modules. Using the chip-on-board technology, seven sensor chips are bonded to the PCB, forming a linear array module of
57mm, with a total of 1344 pixel elements. This 57mm active read length lends itself to scanning A8 size documents with 23.62 dots per
millimeter (dpm) resolution. This short array length module was especially designed for applications in card scanners but it is not limited
to this specific application. It can be used in various mark readers and other automation equipment requiring narrow scanning modules.
2.0 Key Features
• Light source, lens and sensor are integrated into a single module
• 23.62dpm resolution, 57mm scanning length
• Up to 390µsec/line scanning speed, with 3.5MHz pixel rate
• Wide dynamic range
• Analog output
• Yellow-Green LED light source
• Compact size ≅ 12mm x 15mm x 70mm
• Low power
• Light weight
3.0 Functional Description
As described in the previous section, the AMIS-710600-A8 imaging array consists of seven image sensors. Each solid-state sensor
contains an integrated array of photo-detectors with their associated multiplex switches and a digital shift register, to sequentially
readout each video pixel from its photo-detector. Seven of these integrated array sensors are bonded on the PCB and sequentially
cascaded to form a CIS line array of 1344 pixel elements. Since each sensor has I/O pads for the shift register start pulse ( SP) and the
end-of-scan pulse (EOS); each preceding sensor’s EOS in the sequence loads into the following sensor’s SP, providing for a
continuously scanning array each time the first sensor’s SP in the sequence is loaded. These sequential video pixels from each sensor
are summed on to a common video line, which terminates into a common buffer amplifier. The output of the amplifier produces the
output video pixels from the module (see Figure 1).
The PCB is enclosed in the module housing along with its associated electro-optical components, to form a self-contained imaging
system. Its array sensors are optically aligned and mounted along with a one-to-one graded indexed micro lens array, which focuses
the image from the scanned documents onto the sensing plane of its array. Its light source is specially fabricated and aligned with the
micro lens and its document to form a completely integral CIS imaging system.
The enclosed module has a cover glass with its surface near or on the focal point for the object being scanned, while it serves to protect
the imaging sensors, the micro lens assembly and the LED light source from contaminants in the environment, such as dust. The I/O to
the module is a 10-pin connector located on one end of the module. Figure 2 shows a cross section of the AMIS-710600-A8.
1
AMI Semiconductor – July. 06, M-20597-001
www.amis.com


Similar Part No. - AMIS-710600

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710616 AMI-AMIS-710616 Datasheet
956Kb / 19P
CIS PCB
AMIS-710616-AS AMI-AMIS-710616-AS Datasheet
956Kb / 19P
CIS PCB
AMIS-710625 AMI-AMIS-710625 Datasheet
217Kb / 7P
600pdi CIS Module
AMIS-710625-A6 AMI-AMIS-710625-A6 Datasheet
217Kb / 7P
600pdi CIS Module
AMIS-710627 AMI-AMIS-710627 Datasheet
338Kb / 11P
600dpi CIS Modules
More results

Similar Description - AMIS-710600

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
400dpi CIS Module
AMIS-710625 AMI-AMIS-710625 Datasheet
217Kb / 7P
600pdi CIS Module
AMIS-710627 AMI-AMIS-710627 Datasheet
338Kb / 11P
600dpi CIS Modules
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
600dpi CIS Sensor Chip
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
300DPI CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
400DPI CIS Module
PI616MC-AS AMI-PI616MC-AS Datasheet
2Mb / 22P
600DPI Image Sensor (CIS) PCB
PI625MC-A6 AMI-PI625MC-A6 Datasheet
877Kb / 7P
600DPI CIS Module
PI3039 AMI-PI3039 Datasheet
636Kb / 10P
600DPI CIS Image Sensor Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com