Electronic Components Datasheet Search
  English  ▼

X  

RJ45 Datasheet(PDF) 39 Page - 3M Electronics

Part # RJ45
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RJ45 Datasheet(HTML) 39 Page - 3M Electronics

Back Button RJ45 Datasheet HTML 35Page - 3M Electronics RJ45 Datasheet HTML 36Page - 3M Electronics RJ45 Datasheet HTML 37Page - 3M Electronics RJ45 Datasheet HTML 38Page - 3M Electronics RJ45 Datasheet HTML 39Page - 3M Electronics RJ45 Datasheet HTML 40Page - 3M Electronics RJ45 Datasheet HTML 41Page - 3M Electronics RJ45 Datasheet HTML 42Page - 3M Electronics RJ45 Datasheet HTML 43Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
1
37
Type/Order Text
Ref.-No.
VF-45™ Socket
1.2
Fibre Cabling
1.2.1
Volition™ VF-45™
Socket/Field Mount Plug
Description
The Volition socket is part of the latest duplex, small form factor
fibre optic interconnect. Applications include affordable, high band-
width systems, fibre-to-the-desk networks, fibre backbone
systems, fibre LANs and storage area networks.
The VF-45 plug and socket work like an 8-pin modular jack, brin-
ging the simplicity of the RJ45 jack to optical fibre applications.
Highlights:
•Simple installation using an unique termination process
• No expensive ceramic parts
• Footprint dimensions of a RJ45 copper connector
•High density of duplex connections
•Integral dust protection
VF-45 Socket, Multimode
VOL-0001
including fibre holder
PU: 96 Units, MOQ:1 PU
VF-45 Socket, Single-mode
VOL-0002
including fibre holder
PU: 96 Units, MOQ: 1 PU
Fibreholder for VF-45 Socket,
VOL-0011
Multimode and Single-mode
Spare Part for VOL-0001 and VOL-0002
PU: 24 Units, MOQ: 4 PU
VF-45 Field Mount Plug
VOL-FMP612
62,5/125µm, PU: 12 pcs
VF-45 Field Mount Plug
VOL-FMP512
50/125µm, PU: 12 pcs
VF-45 Field Mount Plug Activation Tool
VOL-0563A
PU: 1 pc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com