Electronic Components Datasheet Search
  English  ▼

X  

RJ45 Datasheet(PDF) 29 Page - 3M Electronics

Part # RJ45
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RJ45 Datasheet(HTML) 29 Page - 3M Electronics

Back Button RJ45 Datasheet HTML 25Page - 3M Electronics RJ45 Datasheet HTML 26Page - 3M Electronics RJ45 Datasheet HTML 27Page - 3M Electronics RJ45 Datasheet HTML 28Page - 3M Electronics RJ45 Datasheet HTML 29Page - 3M Electronics RJ45 Datasheet HTML 30Page - 3M Electronics RJ45 Datasheet HTML 31Page - 3M Electronics RJ45 Datasheet HTML 32Page - 3M Electronics RJ45 Datasheet HTML 33Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
1
27
1.1
Copper Cabling
1.1.5
Overview
Description
Performance
Cat 5e at 200 MHz and Cat 6 at 300 MHz
Product
Attenuation
NEXT
ACR
PS NEXT
ELFEXT
PS ELFEXT
Return Loss
(dB/100m)
(dB)
(dB)
(dB)
(dB/100m)
(dB/100m)
(dB)
Cat 5e UTP
28
37
9
34
29
26
21
Cat 6 UTP
34
40
6
37
35
32
20
Cat 5e FTP
28
37
9
34
29
26
21
Cat 6 FTP
34
40
6
37
35
32
20
Cat 6 FFTP
30
32
2
----
Cable Structure - Twisted Pairs Cables
UTP
=
Unshielded Twisted Pairs
FTP
=
Foil Twisted Pairs
FFTP
=
Foil / Foil Twisted Pairs
SFTP
=
Shielded & Foil Twisted Pairs
UTP Category 5e
FTP Category 5e
UTP Category 6
FFTP Category 6
FTP Category 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com