Electronic Components Datasheet Search
  English  ▼

X  

RJ45 Datasheet(PDF) 27 Page - 3M Electronics

Part # RJ45
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RJ45 Datasheet(HTML) 27 Page - 3M Electronics

Back Button RJ45 Datasheet HTML 23Page - 3M Electronics RJ45 Datasheet HTML 24Page - 3M Electronics RJ45 Datasheet HTML 25Page - 3M Electronics RJ45 Datasheet HTML 26Page - 3M Electronics RJ45 Datasheet HTML 27Page - 3M Electronics RJ45 Datasheet HTML 28Page - 3M Electronics RJ45 Datasheet HTML 29Page - 3M Electronics RJ45 Datasheet HTML 30Page - 3M Electronics RJ45 Datasheet HTML 31Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
1
25
Type/Order Text
Ref.-No.
1.1
Copper Cabling
1.1.4
Volition™ RJ45 Double Adapters
Description
Volition™ RJ45 Double Adapters for Patch Panels and Sockets
These adapters allow simple, low cost increase of the number of
users on an access point and permit the use of standard cords for
terminal connection.
The adapter boxes are available in different versions :
• Adapters with an RJ45 telephone socket serving as interface
between the male telephone connector and the female
RJ45 socket
•Digital adapters equipped with bus terminal resistors
• Doublers and quadruplers, to share the pairs allocated to
telephony or computers
Volition™ RJ45 9-pin and 8-pin Double Adapters for Patch Panels and Sockets
Consists of a male RJ45 plug & 2 female RJ45 connectors for sharing pairs,
Adaptable to all 16, 24, 32 or 48 patch panels and RJ45 sockets
PU: 1, MOQ: 10
Ethernet 100Base Tx / Ethernet 100Base Tx 9-pin
P29341B5
Ethernet 100Base Tx / Numeric Telephone
9-pin
P29345B5
Token Ring-Numeris / Token Ring-Numeris
9-pin
P29325BA
Ethernet 10Base Tx / Ethernet 10Base Tx
9-pin
P29342BA
Ethernet 100Base Tx / Ethernet 100Base Tx 8-pin
P29340B5
Ethernet 100Base Tx / Numeric Telephone
8-pin
P29344B5
Token Ring-Numeris / Token Ring-Numeris
8-pin
P29324BA
Ethernet 10Base Tx / Ethernet 10Base Tx
8-pin
P29343BA
Ethernet 10Base Tx / Y Wiring Telephone
8-pin
P29359BA
Point to Point ISDN 100 Ohm Adapter
-
P29323BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com