Electronic Components Datasheet Search
  English  ▼

X  

RJ45 Datasheet(PDF) 20 Page - 3M Electronics

Part # RJ45
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RJ45 Datasheet(HTML) 20 Page - 3M Electronics

Back Button RJ45 Datasheet HTML 16Page - 3M Electronics RJ45 Datasheet HTML 17Page - 3M Electronics RJ45 Datasheet HTML 18Page - 3M Electronics RJ45 Datasheet HTML 19Page - 3M Electronics RJ45 Datasheet HTML 20Page - 3M Electronics RJ45 Datasheet HTML 21Page - 3M Electronics RJ45 Datasheet HTML 22Page - 3M Electronics RJ45 Datasheet HTML 23Page - 3M Electronics RJ45 Datasheet HTML 24Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
American, U.K. and Swiss - Faceplates
1.1
Copper Cabling
1.1.2
Volition™ RJ45 Faceplates and Sockets
18
Volition™ American Faceplate for 2 x RJ45 Giga Jacks
P28363AA
Volition™ American Faceplate for 4 x RJ45 Giga Jacks
P28366AA
Angled Jack Mounting 45°, Plastic wall mounting faceplate, 2 white paper labels and
2 transparent label covers, 1 blank module insert, 2 reversible telephone/computer identification labels
Volition™ American Faceplate for 2 x RJ45 Giga Jacks
VOL-F5V2R1COW
Volition™ American Faceplate for 4 x RJ45 Giga Jacks
P28366AA
Type/Order Text
Ref.-No.
Volition™ American Faceplate, Giga
Faceplates for RJ45 Giga Jack. Mounted on surface or fitted support. Separation 84 mm.
Supplied with 1 label holder, 1 reversible telephone/computer identification label
Volition™ U.K. Faceplate, Giga
Volition™ Swiss Faceplate, Giga
Volition™ Classic U.K. Faceplate, 1 port, Giga
VOL-FPUK-1G
Volition™ Classic U.K. Faceplate, 2 ports, Giga
VOL-FPUK-2G
Volition™ Stylish U.K. Faceplate, 2 ports, Giga, PU: 1, MOQ: 25
P28295AA
Volition™ U.K. Faceplate for 50x50 Socket, Giga, PU: 1, MOQ: 400
P28240AA
Volition™ Swiss Faceplate, 2 ports, Giga, PU: 1, MOQ: 25
P28740AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com