Electronic Components Datasheet Search
  English  ▼

X  

PI321MC-A6 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI321MC-A6
Description  300DPI CIS Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI321MC-A6 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI321MC-A6 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Line scanning rate
Tint
(1)
266
µsec
@ 5.0 MHz
clock
frequency
Clock frequency (2)
f
5.0
MHz
Bright output voltage (3)
Video Output
500
mV
Bright output
nonuniformity (4)
Up
<+/-30
%
Adjacent pixel
nonuniformity (5)
Uadj
<25
%
Dark nonuniformity
(6)
Ud
<100
mV
Dark output voltage
Vd
<450
mV
Modulation transfer
function (7)
MTF
>15
%
Definition:
(1) Tint: Line scanning rate or integration time. Tint is determined by the interval of two
SP, start pulses.
(2) f: main clock frequency,
(3) Vpavg =
∑ Vp(n)/1248
(4) Up = [(Vpmax - Vp) / Vp] x 100% or [(Vp - Vpmin) / Vp] x 100%
(5) Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%
Upadj is the nonuniformity percentage pixel to pixel
(6) Ud = Vdmax - Vdmin
Vdmin is the minimum output on a black document(O.D.=0.8)
Vdmax: maximum output voltage of black document (O.D.= 0.8)
(7) MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]
Vmax: maximum output voltage at 5.9 lp/mm (At the optical Nyquest Frequency)
Vmin: minimum output voltage at 5.9 lp/mm
(8) O.D. = Optical Density
(9) lp / mm: line pair per mm
Recommended Operating Conditions (25 °C)
Item
Symbol
Min
Mean
Max
Units
Vdd
4.5
5.0
5.5
V
Vn.
-4.5
-5
-12
V
VLED
5
V
Idd
47
55
ma
Ivn
6.6
10.0
ma
Power Supply
ILED
270
350
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-.5
Vdd
V
Input voltage at digital low
Vil
0
0.8
V
Clock frequency
f
5.0
MHz
Clock pulse high duty cycle
25
%
PAGE 4 OF 6 - PI321MC-A6, 2/16/00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com