Electronic Components Datasheet Search
  English  ▼

X  

PI321MC-A6 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI321MC-A6
Description  300DPI CIS Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI321MC-A6 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI321MC-A6 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Key Features
• Light source, lens, and sensor are integrated into a single module
• 11.8 dpm resolution, 104 mm scanning length
• Up to 250
µsec/line scanning speed, with 5MHz pixel rate
• Wide dynamic range
• Analog output
• Red LED light source (660 nm)
• Compact size
≅ 14 mm x 19.5 mm x 120 mm
• Low power
• Light weight
General Description
The PI321MC-A6 is a contact imaging sensor, CIS, module, which is composed of 13
PI3011A sensor chips. The PI3011A is a 300 DPI solid-state line imaging array, also a
product of Peripheral Imaging Corporation. This imaging device is fabricated using MOS
imaging sensor technology for high-speed performance and high sensitivity. The
PI321MC-A6 is suitable for scanning A6 size (104 mm) documents with 11.8 dots per
millimeter resolution. Applications include ticket, check and card scanners, variety of mark
readers, and other automation equipment.
Functional Description
The PI321MC-A6 imaging array consists of 13 sensors that are cascaded to provide 1248
photo-detectors with their associated multiplex switches, and a digital shift register that
controls its sequential readout. Mounted in the module is one-to-one graded indexed
PI321MC-A6
Engineering Data Sheet
Peripheral
Imaging
Corporation
™
300DPI CIS Module
PAGE 1 OF 6 - PI321MC-A6, 2/16/00


Similar Part No. - PI321MC-A6

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI322MC-A4 AMI-PI322MC-A4 Datasheet
594Kb / 6P
300DPI CIS Module
PI324MC-A4 AMI-PI324MC-A4 Datasheet
642Kb / 9P
300DPI CIS Module
PI325MC-A4 AMI-PI325MC-A4 Datasheet
600Kb / 6P
300DPI CIS Module
More results

Similar Description - PI321MC-A6

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710317 AMI-AMIS-710317 Datasheet
216Kb / 7P
300dpi CIS Module
AMIS-710321 AMI-AMIS-710321 Datasheet
215Kb / 7P
300dpi CIS Module
AMIS-710322 AMI-AMIS-710322 Datasheet
198Kb / 7P
300dpi CIS Module
AMIS-710324 AMI-AMIS-710324 Datasheet
296Kb / 9P
300dpi CIS Module
AMIS-710325 AMI-AMIS-710325 Datasheet
224Kb / 7P
300dpi CIS Module
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
300DPI CIS Module
PI322MC-A4 AMI-PI322MC-A4 Datasheet
594Kb / 6P
300DPI CIS Module
PI324MC-A4 AMI-PI324MC-A4 Datasheet
642Kb / 9P
300DPI CIS Module
PI325MC-A4 AMI-PI325MC-A4 Datasheet
600Kb / 6P
300DPI CIS Module
PI330MC-DR AMI-PI330MC-DR Datasheet
630Kb / 9P
300DPI CIS Two Level Digital Output Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com