Electronic Components Datasheet Search
  English  ▼

X  

PI321MC-A6 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI321MC-A6
Description  300DPI CIS Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI321MC-A6 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  PI321MC-A6 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI321MC-A6 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PI321MC-A6 Module and Its Mechanical Dimensions
The sketch of this module is to provide a pictorial of the module size and structure. A
detailed drawing is available upon request.
Pictorial of the Plastic
Standard A6 Housing Size
glass
surface
READLINE
6.0mm
120mm
PCB
pin1
19.5mm
14.0mm
1.25mm
x 10
pin
JAE
1-Z-10P-S125L3-E
PAGE 6 OF 6 - PI321MC-A6, 2/16/00
©2000 Peripheral Imaging Corporation.
Printed in USA. All rights reserved. Specifications
are subject to change without notice. Contents may not be reproduced in whole or in part without
the express prior written permission of Peripheral Imaging Corporation. Information furnished
herein is believed to be accurate and reliable. However, no responsibility is assumed by Peripheral
Imaging Corporation for its use nor for any infringement of patents or other rights granted by
implication or otherwise under any patent or patent rights of Peripheral Imaging Corporation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com