Electronic Components Datasheet Search
  English  ▼

X  

PI3012A Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI3012A
Description  300DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3012A Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI3012A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Absolute Maximum Ratings:
Parameters
Symbol
Maximum Rating
Units
Power Supply Voltage
VDD
10
Volts
Power Supply Current
IDD
<2.0
ma
Input clock pulse (high level)
Vih
Vdd + 0.5
Volts
Input clock pulse (low level)
Vil
-0.25
Volts
Operating Temperature
Top
0 to 50
oC
Operating Humidity
Hop
10 to 85
RH %
Storage Temperature
Tstg
-25 to 75
oC
Storage Humidity
Hstg
10 to 90
RH %
Recommended Operating Conditions at Room Temperature
Parameters
Symbol
Min.
Typical
Max.
Units
Notes
Power Supply
VDD
4.5
5.0
5.5
Volts
Input clock pulses high level
Vih
2.8
5.0
VDD
Volts
1
Input clock pulse low level
Vil
0
0
0.8
Volts
1
Operating high level exposed output
Iout
2
Clock Frequency
f
0.1
2.0
5.0
MHz
3
Clock pulse duty cycle
25
%
4
Clock pulse high durations
tw
0.125
µsec
4
Integration time
Tint
1.3
10
ms
3
Operating Temperature
Top
25
50
oC
Notes:
(1) Applies to both CP and SP.
(2) The output is a current that is proportional to the charges, which are integrated on the
phototransistor’s base via photon-to-electron conversion. Accordingly during read out, these
charges are discharged from the base through the transistor’s emitter proportionally to the Beta
of the phototransistor. Hence, the emitter current, that flows to the output video line, is the
signal that is proportional to the photon integrated charges. To gain the optimum performance,
the signal interfacing circuits are designed consistently with this signal process. The video
signal current is made to flow into a virtual ground, while the signal extraction circuit is made to
integrate these charges that converts these charges into the output signal voltage. The circuit
used for the converting the current charge to voltage is attached to this document as a
separate sheet.
(3) Although the clock frequency will operate the device at less than 100KHz, it is
recommended that the device be operated above 500KHz to maintain the devices performance
characteristic.
(4) The clock duty cycle typically is 25 %. However, it can operate with duty cycle as large as
50 %. This specified duty cycle is suggested because the 25 % of clock time, or the positive
time of the clock, is used in the reset process, while the remainder of the time is used inextracting
the signal during each pixel. Accordingly at low clock frequencies, it would help the
PAGE 4 OF 7 PI3012A, 6/9/99



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com