Electronic Components Datasheet Search
  English  ▼

X  

PI3012A Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI3012A
Description  300DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3012A Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

  PI3012A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1. Clock pulse width varies with frequency, as it was explained foregoing paragraphs. The
number given in table is the minimum value regardless of the clock frequency.
2. Prohibit crossing time to insure that two start pulses are not locked into the shift register in
any single scan time.
3. Pixel delay times and settling time depend on the output amplifier, which is employed. The
numbers, which are given, are measured with an EL2044 amplifier. Note the impulse signal
current out of the device is within 10 ns. Hence, the faster the amplifier with a quick settling
time and with a lower input capacitance will allow the signal to rise and settle quickly with
speeds greater than those given above.
Output Circuits for Video Signal
The circuit, attached on this document as separate page, is a recommended module circuit for
operating the sensors. It was also used in the forgoing characterization of the sensor’s signal
output. See page 7.
Optional Wafer Probe Classification
An optional wafer classification is available for users of the PI3012A devices. To achieve the
highest degree of amplitude uniformity, the wafers are sorted and classified. The wafers are rank
in accordance to their output amplitudes. Accordingly the users are assured of a greater uniform
output from a CIS module when the sensors are selected from the same wafer.
PAGE 6 OF 7 PI3012A, 6/9/99
©1999 Peripheral Imaging Corporation.
Printed in USA. All rights reserved. Specifications
are subject to change without notice. Contents may not be reproduced in whole or in part without
the express prior written permission of Peripheral Imaging Corporation. Information furnished
herein is believed to be accurate and reliable. However, no responsibility is assumed by Peripheral
Imaging Corporation for its use nor for any infringement of patents or other rights granted by
implication or otherwise under any patent or patent rights of Peripheral Imaging Corporation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com