Electronic Components Datasheet Search
  English  ▼

X  

PI3012A Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI3012A
Description  300DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3012A Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI3012A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
operation if the duty cycle is less than 25 %. On the other hand, since the clock can operate with
a 50% duty cycle the operator has additional timing flexibility if it desired.
Switching Characteristics @ 25
o C.
Figure 3. Timing Diagram of the PI3012 A Sensor
Item
Symbol
Minimum
Mean
Maximum
Units
Clock cycle time
to
200
10000
ns
Clock pulse width
(1)
tw
50
ns
Clock duty cycle
25
50
75
%
Data setup time
tds
50
ns
Data hold time
tdh
20
ns
Prohibit crossing time (2) tprh
20
ns
EOS rise delay
terdl
60
ns
EOS fall delay
tefdl
70
ns
Signal delay time(3)
tdl
20
ns
Signal settling time (3)
ts/h
90
ns
PAGE 5 OF 7 PI3012A, 6/9/99
EOS
(END OF SCAN)
CP
tprh
SP
Vout
to
tw
tdh
tds
tdl
ts/h
terdl
tefdl



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com