Electronic Components Datasheet Search
  English  ▼

X  

PI3012A Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI3012A
Description  300DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3012A Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI3012A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3012A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description:
Peripheral Imaging Corporation PI3012A CIS sensor chip is a 300 dot per inch resolution
linear array image sensor chip which utilizes PIC’s proprietary CMOS Image Sensing
Technology. This image sensor is to be used for butting end-to-end on a printed circuit board
(PCB) using chip-on-board technology to form a scanning array with various lengths.
Applications for the sensor array are facsimile, scanner, check reader, and office automation
equipment.
Figure 1 is a block diagram of the sensor chip. Each sensor chip consists of 96 detector elements,
their associated multiplexing switches, buffers, and a chip selector. The detector element-to-element
spacing is approximately 84.6 µm. The size of each chip without scribe lines is 8080 µm by 380 µm.
Each sensor chip has 6 bonding pads. The pad symbols and functions are described in Table 1.
PAGE 1 of 7 PI3012A6, 6/9/99
380µm
8080µm
ROW OF 96 SENSORS
AND VIDEO SIGNAL
LINE MULTIPLEXER
READOUT SHIFT REGISTER
1
2
3
4
93
94
95
96
BUFFER
BUFFER
BUFFER
CHIP
SELECT
SP
CP
EOS
VDD DGND
IOUT
PI3012A SENSOR CHIP
FIGURE 1 BLOCK DIAGRAM
PI3012A
Engineering Data Sheet
Peripheral
Imaging
Corporation
™
300DPI CIS Sensor Chip


Similar Part No. - PI3012A

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
Contact Image Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
200DPI CIS Sensor Chip
PI3039 AMI-PI3039 Datasheet
636Kb / 10P
600DPI CIS Image Sensor Chip
PI3041A AMI-PI3041A Datasheet
1Mb / 18P
Contact Image Sensor 300DPI CIS Sensor Chip
PI3042A AMI-PI3042A Datasheet
1Mb / 18P
Contact Image Sensor Chip
More results

Similar Description - PI3012A

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710317 AMI-AMIS-710317 Datasheet
216Kb / 7P
300dpi CIS Module
AMIS-710321 AMI-AMIS-710321 Datasheet
215Kb / 7P
300dpi CIS Module
AMIS-710322 AMI-AMIS-710322 Datasheet
198Kb / 7P
300dpi CIS Module
AMIS-710324 AMI-AMIS-710324 Datasheet
296Kb / 9P
300dpi CIS Module
AMIS-710325 AMI-AMIS-710325 Datasheet
224Kb / 7P
300dpi CIS Module
PI317MC-A6C AMI-PI317MC-A6C Datasheet
595Kb / 6P
300DPI CIS Module
PI321MC-A6 AMI-PI321MC-A6 Datasheet
591Kb / 6P
300DPI CIS Module
PI324MC-A4 AMI-PI324MC-A4 Datasheet
642Kb / 9P
300DPI CIS Module
PI325MC-A4 AMI-PI325MC-A4 Datasheet
600Kb / 6P
300DPI CIS Module
PI3041A AMI-PI3041A Datasheet
1Mb / 18P
Contact Image Sensor 300DPI CIS Sensor Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com