Electronic Components Datasheet Search
  English  ▼

X  

PI3034A Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI3034A
Description  200DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3034A Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI3034A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOL
FUNCTION
SI
Start Pulse: Input to start the line scan.
CLK
Clock Pulse: Input to clock the Shift Register.
VDD
Positive Supply: +5 volt supply connected to substrate.
VSS
Digital Ground: Connection topside common.
SIG
Signal Current Output: Output for video signal current
SO
End of Scan Pulse: Output from the shift register at end of scan.
Table 1. Pad Symbols and Functions
Bonding pad layout diagram:
Figure 2 shows the bonding pad locations for PI3034A Sensor Chip relative to the lower left corner
of the die.
Figure 2. Bonding Pad Layout Diagram
Electro-Optical Characteristics (25 °C)
Table 2, below, lists the electro-optical characteristics of PI3034A sensor chip at 25 °C.
Parameters
Symbols
Typical
Units
Notes
Number of Photo-elements
64
elements
Pixel-to-pixel spacing
125
µm
Line scanning rate
Tint (1)
3.45
ms/line
Clock frequency
f (2)
0.5
MHz
Video Output Voltage
Amplitude
Vp (3)
1.0
Volts
Vp depends the output
circuits. See note 3.
Output voltage non-uniformity
Up (4)
± 7.5
%
7950 µm
SENSOR DIE
290 µm
SI
CLK
VDD
GRD
SIG
SO
Y
X
X
NOTE: ALL PAD OPENINGS ARE 140 X 80 µm.
SI
CLK
VDD
VSS
SIG
SO
START INPUT
CLOCK INPUT
+5 SUPPLY
GROUND
VIDEO SIGNAL OUT
SCAN OUTPUT
67.5
67.5
67.5
67.5
67.5
67.5
737.0
1546.5
2356.0
3156.5
3975.0
7213.0
PAD
FUNCTION
Y
X
PI3034A IMAGE SENSOR
NOTES:
1. THE DRAWING IS NOT TO SCALE.
2. THE DIE LENGTH AND WIDTH
ARE GIVEN AS SHOWN.
3. THE PAD LOCATION ARE GIVEN
IN THE TABLE.
4. THERE ARE TWO EXAMPLES
OF THE X AND Y LOCATIONS
SHOWN ON THE FIRST TWO PADS.
THEY ARE MEASURED TO THE LEFT
BOTTOM CORNER OF THE PAD OPENING.
5. ALL DIMENSIONS ARE IN µm.
Page 2 of 7 - PI3034A, 06/15/03



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com