Electronic Components Datasheet Search
  English  ▼

X  

PI3034A Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI3034A
Description  200DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3034A Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI3034A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Operating Conditions at Room Temperature
Parameters
Symbol
Min.
Typical
Max.
Units
Notes
Power Supply
VDD
4.5
5.0
5.5
Volts
Input clock pulses high level
Vih
(1)
3.0
5.0
VDD
Volts
1
Input clock pulse low level
Vil
(1)
0
0
0.8
Volts
1
Operating high level exposed output
Vsig
(Isig)
(2)
1.0
Volts
2
Clock Frequency
f
0.5
MHz
Clock pulse duty cycle
25
%
Clock pulse high durations
tw
0.5
µsec
Integration time
Tint
3.45
10
ms
Operating Temperature
Top
25
50
oC
Table 4. Operating Specifications
Note: (1) Applies to both CLK and SI.
(2) See note 3 under Table 2. Electro-Optical Characteristics. See the schematic on page 6.
Switching Characteristics @ 25 °C
Figure 3. Timing Diagram of the PI3034A Sensor
CLK
SI
Vsig
tw
to
tdh
tprh
tdl
tds
tsh
Page 4 of 7 - PI3034A, 06/15/03
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com