Electronic Components Datasheet Search
  English  ▼

X  

PI3034A Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # PI3034A
Description  200DPI CIS Sensor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3034A Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  PI3034A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3034A Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Chip-to-chip non-uniformity
Ud
± 7.5
%
Dark output voltage
Vd
(5)
<50
mV
Dark output non-uniformity
Ud
(6)
<50
mV
Table 2. Electro-Optical Characteristic
Notes: (1) Tint stands for the line scanning rate or the integration time. It is determined
by the time interval between two start pulses.
(2) f stands for the input clock frequency:
@ 500 kHz the total active line scan time for a A4 CIS module is 3.45 ms
of the line integration time.
(3) Vp is an average of the pixel amplitudes in one complete line scan. These
video pixels are converted from signal currents produced by the
phototransistor at each pixel site. The signal current charges the video line
capacitance that is isolated with amplifier buffer. The output current is
proportional to the charges that have been collected on the phototransistor’s
base through a photon-to-electron conversion process. These charges on
the base draw signal current through the emitter proportionally to the Beta of
the phototransistor. Then the emitter current flows out onto the output video
line capacitance where it is integrated and converted to signal voltage. This
is the signal voltage that the host receiver senses. Before accessing the
subsequent pixel, this video signal on the video line capacitance is reset
through a shunt switch on the video line. Then the next pixel in sequence is
readout onto the video line. This video buffer amplifier terminating the video
line provides the necessary amplification. Most user generally set their
operating output signal to ~ 1.0 V peak average with the saturation level of ~
1.5 V. For the circuit reference see the attached schematic diagram on
page 6. Typical amplification (adjustable) gain is between 4 to 5 times the
voltage that is measured on the video line.
(4) Up = [( Vpmax-Vp)/ Vp]x100%
Or [( Vp-Vpmin)/ Vp]x100%
Where Vp =
∑
N
n
N
Vpn /
Vpmax is the maximum pixel output voltage in the light.
Vpmin is the minimum pixel output voltage in the light.
In the light means module exposed a uniform light.
(5) Vd = ( Vdmax+Vdmin)/2
Vdmax is the maximum pixel output voltage in the dark.
Vdmin is the minimum pixel output voltage in the dark.
In the dark means that sensor has no exposure to the light.
(6) Ud = [( Vdmax-Vdmin)/ Vd]x100%
Absolute Maximum Ratings (not operational conditions):
Parameters
Symbol
Maximum Rating
Units
Power Supply Voltage
VDD
10
Volts
Power Supply Current
IDD
<2.0
ma
Input clock pulse (high level)
Vih
Vdd + 0.5
Volts
Page 3 of 7 - PI3034A, 06/15/03
Input clock pulse (low level)
Vil
-0.25
Volts
Table 3. Maximum Specification



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com