Electronic Components Datasheet Search
  English  ▼

X  

PI6049A Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # PI6049A
Description  Contact Image Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6049A Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  PI6049A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PI6049A Data Sheet
__________________________________________________________________________________________
Key Features
•
•
•
•
•
•
•
•
•
•
•
•
600 dots per inch (dpi)
344 image sensor elements (pixels)
42.3
µm pixel center-to-center spacing (23.62 dots/mm)
On-chip amplifier
Single 5.0V power supply
5.0V input clocks
2.5 MHz maximum pixel rate
Parallel / integrate and transfer
Power down circuit
High sensitivity
Low power
Low noise
General Description
Peripheral Imaging Corporation’s PI6049A Contact Image sensor is a 600 dpi resolution linear image sensor,
which employs PIC’s proprietary CMOS Image Sensing Technology. The sensor contains an on-chip output
amplifier, power down circuitry and parallel transfer features that are uniquely combined with present-day active-
pixel-sensor technology. The image sensors are designed to be cascaded end-to-end on a printed circuit board
(PCB) and packaged in an image sensing module. Applications for the sensor array includes facsimiles, PC
scanners, check readers, and office automation equipment.
Figure 1 is a block diagram of the sensor. Each sensor consists of 344 active pixels, their associated multiplexing
switches, buffers, and an output amplifier circuit with a power down feature. The detector’s element-to-element
spacing is approximately 42.3
µm. The size of each sensor without the scribe lines is 14560 µm by 380 µm.
DVDD
and Video Line
Multiplexer
CLK
GBST
AVDD
SIC
Parallel Transfer, Storage Cells and Readout Registers
Amplifier, Power-
Down and Offset
Control
SO
VR
VOUT
SI
12
34
344
343
342
341
Row of 344 Pixels
AVSS DVSS
OR
OS
14560µm
42.3µm
380µm
Figure 1. Sensor Block Diagram
Page 2 of 13, Revised 2-13-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com