Electronic Components Datasheet Search
  English  ▼

X  

PI6049A Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI6049A
Description  Contact Image Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6049A Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button PI6049A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 9Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 10Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PI6049A Data Sheet
__________________________________________________________________________________________
Definitions of Electro-Optical Specifications
All electrical specifications are measured at a pixel rate of 2.0 MHz, a temperature of 25
oC, Vdd=5.0 volts, and at
an integration time of 2.2ms. The average output voltage (Vpavg), is adjusted to approximately 1.0V, unless
stated otherwise. The modules’ internal Green LED (525 ± 20 nm) was used as the light source for
measurements requiring illumination. As a guideline, the recommended load on the output should be
1K
Ω<RL<10kΩ. All measurements were taken with a 2k ohm load on the output.
1. Sensitivity (Sv) is defined as the slope of the Vpavg vs Exposure curve.
2. Saturation Voltage (VSat) is defined as the maximum video output voltage swing measured from the dark
level to the saturation level. It is measured by using the module LED light source with the module imaging a
uniform white target. The LED light level is increased until the output voltage no longer increases with an
increase in the LED brightness. The dark level is set by the voltage on VR and in a typical CIS module
application, sits at approximately 0.7V.
3. Photo-Response Non-Uniformity (Up).
Up = ((Vpmax-Vpavg)/Vpavg) x 100% or ((Vpavg-Vpmin)/Vpavg) x 100%, whichever is the greater, where
Vpmax is the maximum pixel output voltage in the light, Vpmin is the minimum pixel output voltage in the light
and Vpavg is average output voltage of all pixels in the light.
4. Adjacent Photo-Response Non-Uniformity (Upn).
Upn = Max ((Vpn – Vpn+1) / Min (Vpn, Vpn+1)) x 100%, where Vpn is the pixel output voltage of pixel n in the
light.
5. Dark Output Voltage (Vd).
Vd is the average dark output level and is essentially the offset level of the video output in the dark. The dark
level is set by the voltage on VR and in a typical CIS module application, sits at approximately 0.7V.
6. Dark Output Non-Uniformity (Ud).
Ud = Vdmax-Vdmin, where Vdmax is the maximum pixel output voltage in the dark and Vdmin is the minimum
pixel output voltage in the dark.
7. Random Thermal Noise (rms), (Vno), is the standard deviation of n pixels in the dark. A sample size n=64
was used. A 4 mV rms value has a peak-peak equivalent of 24 mV.
8. Sensor-to-Sensor Photo-Response Non-Uniformity (Usensor).
Usensor = (Vpavg – Wavg) / Wavg), where Wavg is the average output of all sensors on the same wafer that
pass all other specifications.
9. Photo-Response Linearity (PRL).
Photo-Response Linearity is defined as the max deviation of response compared to a best fit line. The data
points plotted are those that lie within 10% of the saturation level and 90% of the saturation level. Outside
these ranges the module is operating close to non-linearity.
Page 7 of 13, Revised 2-13-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com