Electronic Components Datasheet Search
  English  ▼

X  

PI6049A Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI6049A
Description  Contact Image Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6049A Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button PI6049A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 9Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 10Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 11Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 12Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PI6049A Data Sheet
__________________________________________________________________________________________
Recommended Operating Conditions
Table 3 lists the recommended operating conditions @ 25
oC.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply
Vdd
4.5
5.0
5.5
V
Clock Input Voltage high level
(1)
2.8
Vdd
Vdd
V
Clock Input Voltage low level
(1)
0
0
0.8
V
Power Supply Current
IDD (sensor selected)
IDD (sensor not selected)
3.2
2.6
5
4
mA
mA
Reference Voltage
(2)
VR
0.6
0.7
1.1
V
Clock Frequency
(3)
0.5
2.0
2.5
MHz
Pixel Rate
0.5
2.0
2.5
MHz
Integration Time (Line Scan Rate)
(4)
First Die
Subsequent Die
Tint
150
138
µs
µs / die
Clock Pulse Duty Cycle
(5)
75
%
Table 3. Recommended Operating Conditions @ 25
oC
Notes:
1. Applies to all clocks; GBST, SIC, SI and CLK.
2. The dark level is set by the voltage on the VR input pad, which is internally set to a typical value of 0.7 volts.
Alternatively, if the user wishes to use a dark level greater than this, then VR can be supplied externally.
3. Although the device will operate with a pixel rate of less than 500 KHz, it is recommended that the device be
operated above 500 KHz to maintain performance characteristics. Operating below 500 KHz may result in a
significant integration of dark current.
4. Tint is the integration time of a single sensor and is the time between two Start Pulses. The minimum
integration time is the time it takes to clock out 29 inactive pixels and 344 active pixels. If several sensors are
cascaded together in a module then the minimum integration time is the time it takes to clock out 29 inactive
pixels and 344 active pixels from the first sensor and 344 pixels from each of all subsequent sensors, at a
given frequency.
5. The clock duty cycle is defined as the ratio of the positive duration of the clock to its period.
Page 8 of 13, Revised 2-13-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com