Electronic Components Datasheet Search
  English  ▼

X  

PI6049A Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # PI6049A
Description  Contact Image Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI6049A Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  PI6049A Datasheet HTML 1Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 2Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 3Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 4Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 5Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 6Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 7Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 8Page - AMI SEMICONDUCTOR PI6049A Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PI6049A Data Sheet
__________________________________________________________________________________________
Bonding Pad Layout Diagram
Figure 2 shows the bonding pad locations for the PI6049A sensor.
14560µm
380µm
Figure 2. Bonding Pad Locations
Wafer Scribe Line
Figure 3 outlines the scribe line dimensions surrounding the sensor die on a wafer.
55µm
55µm
60µm
60µm
15µm
380µm
14560µm
Figure 3. Wafer Scribe Line
Page 5 of 13, Revised 2-13-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com