Electronic Components Datasheet Search
  English  ▼

X  

AM411 Datasheet(PDF) 4 Page - Mini-Circuits

Part # AM411
Description  VOLTAGE TRANSMITTER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AM411 Datasheet(HTML) 4 Page - Mini-Circuits

  AM411 Datasheet HTML 1Page - Mini-Circuits AM411 Datasheet HTML 2Page - Mini-Circuits AM411 Datasheet HTML 3Page - Mini-Circuits AM411 Datasheet HTML 4Page - Mini-Circuits AM411 Datasheet HTML 5Page - Mini-Circuits AM411 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VOLTAGE TRANSMITTER IC
AM411
analog microelectronics
April 99
4/6
FUNCTIONAL DESCRIPTION
The IC AM411 is an integrated voltage transmitter for bridge input signals. With variations of a few
external components the output voltage can be adjusted over a wide range. In addition to the resis-
tors R1 and R2 the circuitry needs only one external capacitor C1 for a basic application. Using the
input of the voltage output stage the AM411 can be used for single ended input signals as well.
Typical values for the external components are listed in the Application Notes.
Basically the AM411 consists of 3 functional blocks as they are shown in Figure 1:
1. A high accuracy instrumentation amplifier with an internal gain GIA and the possibility to adjust
the bias voltage (pin ZA) for differential input signals.
2. An operational amplifier output stage used for voltage transmission and as the voltage output.
The output stage has an output current limitation protecting the IC.
3. A voltage reference can be used as an excitation for constant voltage sensors or as supply for
other external devices.
The transfer function for the output voltage of the instrumentation amplifier is:
ZA
IN
IA
OUTIA
V
V
G
V
+
=
with the offset voltage VZA which can be adjusted on pin ZA. For die entire output voltage VOUT of
the IC is valid
INOP
OP
OUT
V
G
V
⋅
=
with the adjustable gain GOP
1
2
1
+
=
R
R
G
OP
The minimum supply voltage, which has to be adjusted, can be calculated over
VS
≥ VOUTmax + 5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com