Electronic Components Datasheet Search
  English  ▼

X  

AM411 Datasheet(PDF) 1 Page - Mini-Circuits

Part # AM411
Description  VOLTAGE TRANSMITTER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AM411 Datasheet(HTML) 1 Page - Mini-Circuits

  AM411 Datasheet HTML 1Page - Mini-Circuits AM411 Datasheet HTML 2Page - Mini-Circuits AM411 Datasheet HTML 3Page - Mini-Circuits AM411 Datasheet HTML 4Page - Mini-Circuits AM411 Datasheet HTML 5Page - Mini-Circuits AM411 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VOLTAGE TRANSMITTER IC
AM411
analog microelectronics
April 99
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/6
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.1
Internet: www.analogmicro.de
E–Mail:
info@analogmicro.de
FEATURES
• Wide Supply Voltage Range: 6...35V
• Wide Operating Temperature Range:
–40°C...+85°C
• Voltage Reference: 5V
• Instrumentation Amplifier Input
(Reversible Polarity)
• Operational Amplifier Input
• Adjustable Gain and Offset
• Adjustable Output Voltage Range:
0.5...4.5V, 0...5/10V, other
• Protection Against Reverse Polarity
• Output Current Limitation
APPLICATIONS
• Industrial Process Control
• Sensor Transmitter (e.g. pressure)
• Programmable Voltage Source
GENERAL DESCRIPTION
The AM411 is a monolithic voltage transmitter,
designed for flexible bridge input signal condi-
tioning. The integrated circuit is ideally suited
for a wide variety of transducers with an differ-
ential output signal. It contains a high accuracy
instrumentation amplifier for differential input
signals, an operational amplifier output stage,
and a 5V reference. Output range and gain are
adjustable by external resistors. Using the inter-
nal instrumentation amplifier the AM411 is a
standard sensor transmitter with the possibility
to indicate an over range signal. With the inter-
nal connected operational amplifier input this
IC can be used as an adjustable voltage–to–
voltage transmitter.
DELIVERY
• DIL8 packages (samples)
• SOP8 packages
• Dice on 5“ blue foil
BLOCK DIAGRAM
Reference Voltage
IA
GAIN
VOUT
VREF
IN+
IN
−
1
2
8
4
3
AM411
7
GND
VCC
5
ZA
6
Output
Stage
Figure 1


Similar Part No. - AM411

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Analog Microelectronics...
AM411 ANALOGMICRO-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
More results

Similar Description - AM411

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8136S TOSHIBA-TA8136S Datasheet
157Kb / 5P
RADIO CONTROL TRANSMITTER IC
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
Infrared Remote Control Transmitter IC
logo
Sanyo Semicon Device
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
Infrared Remote Control Transmitter IC
logo
Silicon Storage Technol...
SSTX4915 SST-SSTX4915 Datasheet
556Kb / 9P
LOW POWER ASK TRANSMITTER IC
logo
SHANGHAI BELLING CO., L...
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
Infrared Remote Control Transmitter IC
logo
Analog Microelectronics
AM427 AME-AM427 Datasheet
123Kb / 9P
RATIOMETRISCHES TRANSMITTER-IC
logo
ATMEL Corporation
ATA5749C ATMEL-ATA5749C_14 Datasheet
1,013Kb / 26P
Fractional-N PLL Transmitter IC
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
Wireless Power Transmitter IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com