Electronic Components Datasheet Search
  English  ▼

X  

AM411 Datasheet(PDF) 5 Page - Mini-Circuits

Part # AM411
Description  VOLTAGE TRANSMITTER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AM411 Datasheet(HTML) 5 Page - Mini-Circuits

  AM411 Datasheet HTML 1Page - Mini-Circuits AM411 Datasheet HTML 2Page - Mini-Circuits AM411 Datasheet HTML 3Page - Mini-Circuits AM411 Datasheet HTML 4Page - Mini-Circuits AM411 Datasheet HTML 5Page - Mini-Circuits AM411 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VOLTAGE TRANSMITTER IC
AM411
analog microelectronics
April 99
5/6
PINOUT
1
2
3
4
6
5
8
7
IN+
IN
−
GAIN
VOUT
VREF
ZA
VCC
GND
Figure 3
DELIVERY
The AM411 is available in version:
• DIL8 packages (samples)
• SOP8 packages
• Dice on 5“ blue foil
PACKAGE DIMENSIONS SOP8
PIN
NAME
DESIGNATION
1
IN+
Non Inverting Bridge Input
2
IN–
Inverting Bridge Input
3
GAIN
Gain Adjustment
4
VOUT
Voltage Output
5
VCC
Supply Voltage
6
ZA
Zero Adjust
7
GND
IC Ground
8
VREF
Reference Voltage
0°-10°
≥ 0,3
14
8
1,27
≤ 2,00
4,98 ± 0,1
0,42 ± 0,07
≤ 0,635
1,45 ± 0,1
0,2 ± 0,1
6,2 ± 0,2
4,0 + 0,2 - 0,1
0,2 ± 0,05
Figure 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com