Electronic Components Datasheet Search
  English  ▼

X  

AM411 Datasheet(PDF) 6 Page - Mini-Circuits

Part # AM411
Description  VOLTAGE TRANSMITTER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

AM411 Datasheet(HTML) 6 Page - Mini-Circuits

  AM411 Datasheet HTML 1Page - Mini-Circuits AM411 Datasheet HTML 2Page - Mini-Circuits AM411 Datasheet HTML 3Page - Mini-Circuits AM411 Datasheet HTML 4Page - Mini-Circuits AM411 Datasheet HTML 5Page - Mini-Circuits AM411 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VOLTAGE TRANSMITTER IC
AM411
analog microelectronics
April 99
6/6
TYPICAL APPLICATION
For Applications with an output signal of 0...5/10V zero adjust pin ZA has to be connected to IC
Ground GND (Figure 5). The Gain G is adjusted by external resistors R1 and R2 and can be calcu-
lated by
OP
IAG
G
G
=
The transfer function of the output voltage VOUT becomes
VOUT = G VIN
With this equations the external resistors R1 and R2 can be adjusted
R
R
V
GV
OUT
IA
IN
1
2
1
=−
Example 1: Output voltage range 0...10V
In this case the values of the external devices ( V
IN = 050
K mV , RR
12
39
=
) are as follows
R1
≈ 39k
Ω
R2
≈ 1k
Ω
GIA = 5
C1 = 2.2
µF
Example 2: Output voltage range 0...5V
In this case the values of the external devices (V
IN = 0
100
K
mV , RR
12
9
= ) are as follows
R1
≈ 90k
Ω
R2
≈ 10k
Ω
GIA = 5
C1 = 2.2
µF
Reference Voltage
IA
8
4
3
AM411
7
5
6
Output
Stage
1
2
V
S
V
OUT
Ground
C
1
R
2
R
1
Figure 5
The information provided herein is believed to be reliable; however, Analog Microelectronics assumes no responsibility for inaccuracies or omissions. Analog Microelectronics assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licences to any of
the circuits described herein are implied or granted to any third party. Analog Microelectronics does not authorise or warrant any Analog Microelectronics product use in life support devices and/or
systems.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com