Electronic Components Datasheet Search
  English  ▼

X  

DER-45 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # DER-45
Description  1.8W non-isolated Power Supply using LNK304
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-45 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  DER-45 Datasheet HTML 1Page - Power Integrations, Inc. DER-45 Datasheet HTML 2Page - Power Integrations, Inc. DER-45 Datasheet HTML 3Page - Power Integrations, Inc. DER-45 Datasheet HTML 4Page - Power Integrations, Inc. DER-45 Datasheet HTML 5Page - Power Integrations, Inc. DER-45 Datasheet HTML 6Page - Power Integrations, Inc. DER-45 Datasheet HTML 7Page - Power Integrations, Inc. DER-45 Datasheet HTML 8Page - Power Integrations, Inc. DER-45 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DER-45
LNK304 Single Output Supply
April 8, 2005
Page 3 of 9
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering report describing a 12V, 150mA non-isolated power
supply using a LNK304 from Power Integrations.
This document contains the power supply specification, schematic, bill of materials and
measurements results.
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
265
VAC
Frequency
fLINE
47
50/60
63
Hz
Outputs
Output Voltage
VOUT
12
V
[
±10%]
Output Ripple Voltage
VRIPPLE
n.sp.
mV
20 MHz Bandwidth
Output Current
IOUT
150
mA
Total Output Power
Continuous Output Power
POUT
1.8
W
Peak Output Power
POUT_PEAK
W
Ambient Temperature
TAMB
0
70
oC
Open frame
Table 1 – Power Supply Specifications



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com