Electronic Components Datasheet Search
  English  ▼

X  

DER-45 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DER-45
Description  1.8W non-isolated Power Supply using LNK304
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-45 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DER-45 Datasheet HTML 1Page - Power Integrations, Inc. DER-45 Datasheet HTML 2Page - Power Integrations, Inc. DER-45 Datasheet HTML 3Page - Power Integrations, Inc. DER-45 Datasheet HTML 4Page - Power Integrations, Inc. DER-45 Datasheet HTML 5Page - Power Integrations, Inc. DER-45 Datasheet HTML 6Page - Power Integrations, Inc. DER-45 Datasheet HTML 7Page - Power Integrations, Inc. DER-45 Datasheet HTML 8Page - Power Integrations, Inc. DER-45 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
1.8W non-isolated Power Supply using
LNK304
Specification
Input: 85-265VAC
Output: 12V/150mA
Application
Home Appliance
Author
Power Integrations Applications Department
Document
Number
DER-45
Date
April 8, 2005
Revision
1.0
Objective
This report lists a design for a single output offline non-isolated power supply for white goods
low cost applications.
•
Highly integrated solution
•
Lowest possible component count
•
No optocoupler or zener diode required for regulation
•
Integrated thermal overload protection with automatic recovery
•
Less then 300mW no-load consumption
•
Very high efficiency at full load
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations.
A complete list of Power Integrations’ patents may be found
at www.powerint.com.


Similar Part No. - DER-45

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
21W (45W peak) Multiple Output Power Supply using TOP246Y
DER-41 POWERINT-DER-41 Datasheet
1Mb / 22P
3.7W Power Supply Using TNY263P
DER-42 POWERINT-DER-42 Datasheet
966Kb / 19P
2.25W Power Supply using LNK520P
DER-43 POWERINT-DER-43 Datasheet
988Kb / 23P
24.5W Power Supply using DPA424G
DER-44 POWERINT-DER-44 Datasheet
1Mb / 30P
41W (53Wpk) Power Supply using TOP246Y
More results

Similar Description - DER-45

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-47 POWERINT-DER-47 Datasheet
86Kb / 9P
2W Non-isolated Power Supply using LNK305P
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
10.5 W Multi Output Isolated Power Supply using TNY267P
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
7.3 W Dual Output Non-Isolated Power Supply using TNY266P
DI-80 POWERINT-DI-80 Datasheet
300Kb / 2P
0.6 W Non-Isolated Utility Meter Power Supply
DI-133 POWERINT-DI-133 Datasheet
334Kb / 2P
Non-isolated Induction Cooktop Auxiliary Supply
logo
STMicroelectronics
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
6W Non-isolated fly-back topology power supply with VIPer12AS
23-Mar-2006
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
Non Isolated Power Module
logo
Maxim Integrated Produc...
MAX845EVKIT MAXIM-MAX845EVKIT Datasheet
45Kb / 4P
Isolated Power Supply
Rev 4; 10/97
MAXREFDES125 MAXIM-MAXREFDES125 Datasheet
627Kb / 10P
MAXREFDES125# Non-isolated 24V to 5.1V, 20W Power Supply
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com