Electronic Components Datasheet Search
  English  ▼

X  

DER-45 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-45
Description  1.8W non-isolated Power Supply using LNK304
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-45 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-45 Datasheet HTML 1Page - Power Integrations, Inc. DER-45 Datasheet HTML 2Page - Power Integrations, Inc. DER-45 Datasheet HTML 3Page - Power Integrations, Inc. DER-45 Datasheet HTML 4Page - Power Integrations, Inc. DER-45 Datasheet HTML 5Page - Power Integrations, Inc. DER-45 Datasheet HTML 6Page - Power Integrations, Inc. DER-45 Datasheet HTML 7Page - Power Integrations, Inc. DER-45 Datasheet HTML 8Page - Power Integrations, Inc. DER-45 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DER-45
LNK304 Single Output Supply
April 8, 2005
Page 5 of 9
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5
Bill Of Materials
Ref
Description
Uprice
QTY
Rfuse
10R 2W fusible
0.0400
1
Din
1N4007
0.0072
1
Cin1, Cin2
4u7 400V
0.0570
2
Lin
1mH
0.0290
1
C1
100nF
0.0100
1
D1
UF4005
0.0450
1
Rbias
2K2 1%
0.0033
1
Rfb
13K 1%
0.0033
1
Cfb
1uF 50V
0.0100
1
D2
1N4007
0.0072
1
Rload
2K4 5% 0.25W
0.0015
1
L1
1mH 220mArms
0.0700
1
C2
47uF 50V
0.0450
1
U1
LNK304P
0.0000
1
Table 2 - Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com