Electronic Components Datasheet Search
  English  ▼

X  

DER-45 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # DER-45
Description  1.8W non-isolated Power Supply using LNK304
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-45 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  DER-45 Datasheet HTML 1Page - Power Integrations, Inc. DER-45 Datasheet HTML 2Page - Power Integrations, Inc. DER-45 Datasheet HTML 3Page - Power Integrations, Inc. DER-45 Datasheet HTML 4Page - Power Integrations, Inc. DER-45 Datasheet HTML 5Page - Power Integrations, Inc. DER-45 Datasheet HTML 6Page - Power Integrations, Inc. DER-45 Datasheet HTML 7Page - Power Integrations, Inc. DER-45 Datasheet HTML 8Page - Power Integrations, Inc. DER-45 Datasheet HTML 9Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DER-45
LNK304 Single Output Supply
April 8, 2005
Page 4 of 9
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
3
Schematic
Din
1N4007
85 ... 265 Vac
Cin1
4.7 uF 400 V
-
+
C2
47 uF 50 V
Low ESR
Rfuse
10R 2 W fusible
Cin2
4.7 uF 400 V
Lin
1mH
S
D
BP
FB
U1 LNK304
C1
100 nF
50 V
Rbias
2.2 k 1%
Rfb
13 k 1%
Cfb
1 uF 50 V
D2
1N4007
L1
1 mH 220 mArms
D1
UF4005
12 V 150 mA
Rload
2.4 k 0.25 W
Figure 1 – Complete Schematic
4
Circuit Description
The LNK304 is used in a non-isolated buck-boost topology. The voltage across L1 is
rectified and smoothed by D1 and C2 during U1’s off-time. To a first order the forward
voltage drop of D2 (slow diode used in the tests) and D1 (must be an ultrafast) can be
considered similar. Therefore the voltage across Cfb tracks the output voltage. The
voltage across Cfb is sensed and regulated via the resistor divider Rfb-Rbias connected
to U1’s FB pin. The LNK304 switching algorithm regulates the FB pin to 1.65V +/- 7%
over temperature. A small pre-load resistor has been added (Rload with 5mA current
consumption) for operation down to 0mA output current.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com