Electronic Components Datasheet Search
  English  ▼

X  

PSMN004-60P. Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN004-60P.
Description  NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN004-60P. Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN004-60P. Datasheet HTML 1Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 2Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 3Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 4Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 5Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 6Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 7Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
NextPower 25 V & 30 V MOSFETs
in LFPAK (Power-SO8)
Benefits of Superjunction technology
Many suppliers focus on two favourable indicators when defining MOSFET performance, but this only tells part of the story.
The spider chart below shows the relative performance of NextPower versus the leading MOSFET vendors, comparing
the six most important MOSFET parameters required for high-performance & high reliability switching applications. The
outside edge of the graph represents the ‘best-in-class’ performance, whilst scoring towards the centre of the graph
represents a weakness.
} Low R
DS(on) gives low I
2
R losses and superior performance
when used in a SYNC FET or power OR-ing application
} Low Q
oss gives reduced losses between the drain
& source terminals since the energy stored in
the output capacitance (C
oss) is wasted whenever
the voltage changes across the output terminals
} SOA performance provides tolerance to overload & fault
conditions. The graph shows the maximum allowable
current for a 1 mS pulse at V
DS=10 V
} Low Miller charge (Q
GD) gives reduced switching losses
between the MOSFET’s drain & source terminals when
the MOSFET turns ON or turns OFF
} Low gate charge (Q
G) gives reduced losses in the gate
drive circuit since less energy is required to turn the
MOSFET ON & OFF
} Superior junction temperature rating, T
j(max), is proof that
LFPAK is the most rugged Power-SO8 package available.
LFPAK is the best choice for demanding environments
and where high reliability is required
Comparison of NextPower technology with key competitor types
RDS(on)max
@ Vgs = 4.5 V
T
j(max)
NXP
Competitor A
Competitor B
Combined Q
G &
Q
GD FOM
SOA rating
Q
oss FOM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com